Part Number Hot Search : 
SLD10UCC MBD4148 PG400107 MAX8902A VSKT105 00220 CXA2194Q 102MH
Product Description
Full Text Search
 

To Download USF820F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 2 pin 16.5 0.3 10.2 0.2 15.2 0.5 4.0 0.3 13.5 0.5 5.0 0.1 1.4 0.1 0.6 0.1 4.5 0.2 3.1 +0.2 -0.1 |? 3 .3 0.1 ?3.20.2 8.2 0.2 2.6 0.2 0.6 0.1 ? low cost ? diffused junction ? glass passivated junction ? low forward voltage drop ? high current capability ? case:jedec ito-220ac ? polarity: color band denotes cathode ? weight: 0.064 ounces,1.81 gram ? mounting position: any maximum ratings and electrical characteristics ratings at 25?? ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20% . usf 810f usf 820f usf 830f usf 840f usf 860f maximum recurrent peak reverse voltage v rrm 100 200 300 400 500 600 v maximum rms voltage v rms 70 140 210 280 350 420 v maximum dc blocking voltage v dc 100 200 300 400 500 600 v maximum average forward rectified current total device (rated v r ),t c =100 ?? peak forward surge current 8.3ms single half-sine-wave superimposed on rated load maximum instantaneous @i f =8.0a forward voltage (note1) v f 1.3 1.7 v maximum reverse current @t j =25 ?? at rated dc blocking voltage @t j =125?? maximum reverse recovery time (note2) typical thermal resistance junction to case r jc ??/w operating junction temperature range t j ?? storage temperature range t stg ?? note:1.pulse test:pulse width=300 s,duty cycle ? 2.0% 2. measured with i f =0.5a, i r =1a, i rr =0.25 a. ns 5.0 current: 8.0a ito-220ac usf 805f units - 55 ---- + 150 - 55 ---- + 150 a a 100 0.98 a voltage range: 50 --- 600v ? easily cleaned with alcohol,isopropanol and similar solvents i (av) 8.0 i fsm 50 i r ? the plastic material carries u/l recognition 94v-0 35 50 30 800 t rr 25 usf 850f dimensions in millimeters usf805f-usf860f super fast rectifiers features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
usf805f-usf830f usf830f-usf840f usf850f-usf860f 2.2 2.0 100 10 1.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 8.0 0 2 4 6 8 0 25 50 75 100 125 150 single phase half wave 60h z resistive or inductive load 10 200 175 amperes instantaneous reverse amperes average forward current, amperes fig.1 --typical forward characteristic fig.2 -- typical reverse characteristics instantaneous forward voltage,volts percent of rated peak reverse voltage, peak forward surge current instantaneous forward current fi g. 3 -- peak forward surge current fi g. 4 -- forward derati ng curve case temperature, number of cycles at 60hz , 0 40 100 1 10 100 20 80 60 t j =25 c 8 .3 ms sing le ha lf sine-wave 0 t j =75?? t j =25?? t j =125?? 1000 1 0.1 0.01 10 100 80 0 20 40 60 100 current milliamperes usf805f-usf860f super fast rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of USF820F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X